|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
IR Transceiver Module KOI-6001A Features Compliant to IrDA 1.2 Low power Standard Wide Voltage Operation : 2.7 ~ 5.5V Compact Package Integrated Transmitter and Receiver (8.0L x 2.65W x 2.5T) Complete Power Down mode for the Current Consumption LED Stuck-high Protection Mounting center Dimensions (Unit : mm ) Applications Cellular Phone Personal Computer(Desk-top PC, Lap-top PC) Printers, Vending Machine, ATM Personal Digital Assistants.(PDA) Mounting center GND IO Vcc Vcc A GND SD RXD TXD LED A Block Diagram TX_IN Vcc I/O Vcc SD LED Bias circuit with shutdown CX1 RLED Rx_O Tx Driver PD CX2 VLED Vcc Stuck on protection GND Rx Driver Comparator Peak Detector Preamp RLED 20 0.5%, 0.5 Watt, Vcc=2.7V RLED 30 0.5%, 0.5 Watt, Vcc=3.3V RLED 60 0.5%, 0.5 Watt, Vcc=5V 20%, Ceramic : CX2 4.7 CX1 0.47 CX1, CX2 must be placed 7 20%, Tantalum 1/2 IR Transceiver Module KOI-6001A Absolute Maximum Ratings Parameter Supply Voltage LED Supply Voltage x 2.65H x 2.5W) Receiver (8.0L Operating Temperature Storage Temperature DC LED Transmit Current Peak LED Transmit Current Receiver Data Output Voltage Transmitter Data Input Voltage Data Rate Symbol Vcc VLED Topr. Tstg. ILED (DC) ILED (PK) V RXD VTXD BR Conditions <90 pulse width, <20% duty cycle Main. 0 0 -20 -40 -0.5 -0.5 9.6 Max. 6.5 6.0 85 100 50 200 VCC +0.5 VCC+0.5 115.2 V V Kbps [Ta = 25 ] Unit V V Electro-Optical Characteristics Parameter Supply Current Transmitter Wakeup Time Viewing Angle Transmitter Data Output Pulse Width Rise Time Fall Time Peak Emission Wavelength Spectral Bandwidth Viewing Angle Peak Sensitivity Wavelength High Level Output Voltage Receiver Low Level Ouput Voltage Rx SIR Pulse Width Rise Time Fall Time Communication Distance Receiver Latency Time Receiver Wakeup Time 1/2 [Ta=25 , VCC =3.3V] Symbol Icc1 Icc2 Ttw 1/2 Conditions Shutdown Idle tpw(RxD)=1.63 at 115.2kb/s Min. 30 1.6 30 VCC -0.2 1 20 - Typ. 100 30 1.7 875 45 880 150 Max. 1 200 200 60 1.9 600 600 0.4 4 600 600 100 - Unit deg. Tstpw tr tf p BR=115.2kbps IOH=-20 IOL=1 tpw(RxD)=1.63 at 115.2kb/s BR=115.2kbps deg. V V p V OH VOL Tsrpw tr tf D TL Trw 2/2 |
Price & Availability of KOI-6001A |